Part Number Hot Search : 
HZC8C2N F1892RD1 MP7542KN A205A 00N6T WMS7130 TDA20 VBO55
Product Description
Full Text Search
 

To Download CX3225GB22579D0PESZZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? crystal unit for consumer products ? small and low pro?le 0.9mm max. (3.2 2.5 0.8mm) ? ceramic package ? product with lead free terminations ? re?ow compatible applications ? digital electronics ? consumer products how to order cx3225gb 27000 ?? ? ? ? ?? ? ? ? ? ? ? ? ? series ? frequency ? load capacitance b0 6 pf d0 8 pf std. f0 10 pf ? frequency stability p 50 10 ? 6 std. ? operating temp. range ? frequency temp. stability es ? 10 to + 70 c 50 10 ? 6 std. ? individual speci?cation... std.spec. as zz rohs compliant speci?cations item symbol speci?cation units remarks frequency range f _nom 10000 to 54000 khz overtone order ot fundamental ? load capacitance cl 8 pf frequency stability f _tol 50 10 ? 6 @ 25 c motional series resistance r1 table 1 ohm drive level dl table 2 w operating temp. range t _use ? 10 to + 70 c storage temp. range t _stg ? 40 to + 85 c frequency temp. characteristics f _tem 50 10 ? 6 ref.@ 25 c over operating temperature range ? please contact us for other specifications. table1 motional series resistance frequency range motional series resistance units 10000 to 11999khz 500 max. ohm 12000 to 13999khz 300 max. 14000 to 15999khz 200 max. 16000 to 26999khz 100 max. 27000 to 54000khz 50 max. table2 level of drive frequency range drive level units 10000 to 54000khz 10 (100 max.) w typical frequencies and part numbers frequency (khz) standard part number 10000.000 cx3225gb10000d0peszz 12000.000 cx3225gb12000d0peszz 13560.000 cx3225gb13560d0peszz 14318.180 cx3225gb14318d0peszz 14745.600 cx3225gb14745d0peszz 16000.000 cx3225gb16000d0peszz 18432.000 cx3225gb18432d0peszz 19200.000 cx3225gb19200d0peszz 20000.000 cx3225gb20000d0peszz 22579.200 CX3225GB22579D0PESZZ 24000.000 cx3225gb24000d0peszz 24576.000 cx3225gb24576d0peszz 25000.000 cx3225gb25000d0peszz 27000.000 cx3225gb27000d0peszz 27120.000 cx3225gb27120d0peszz 30000.000 cx3225gb30000d0peszz 32000.000 cx3225gb32000d0peszz 33333.000 cx3225gb33333d0peszz 38400.000 cx3225gb38400d0peszz 40000.000 cx3225gb40000d0peszz 48000.000 cx3225gb48000d0peszz 54000.000 cx3225gb54000d0peszz dimensions (unit: mm) ??? ???? ??? ???? ???? ??? ??? ?????????? ?????????? ?? ??? ??? ?? ?????? ?? ?? ?? ?? ?? ?? ?? ?? ??? ??? ?? ?? ?? ?? ??? ? ??? recommended land pattern (unit: mm) 1.05 3.6 1.3 1.3 1.05 1.85 crystal units surface mount type cx3225gb 3.2 2.5mm for consumer products


▲Up To Search▲   

 
Price & Availability of CX3225GB22579D0PESZZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X